PART |
Description |
Maker |
MSK613-15 MSK613H |
Ultra Low Quiescent Current - ±10mA for High Voltage HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER
|
M.S. Kennedy Corporatio... Anaren Microwave
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
2SC4710LS 0929 |
NPN Triple Diffused Planar Silicon Transistor 2100V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications From old datasheet system 2100V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
BF622 Q62702-F1052 |
From old datasheet system NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
SB3H100-E3_54 SB3H100-E3_73 SB3H90 SB3H9008 SB3H10 |
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
|
Vishay Siliconix
|
MC08ED150J-F MC08CA020D-F MC08CA050D-F MC08CA060D- |
Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electronic... Cornell Dubilier Electr...
|
KTC4527F |
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING/ WIDE SOA)
|
KEC(Korea Electronics)
|
AUIRS2112S |
The AUIRS2112S is a high voltage, high speed power MOSFET and IGBT driver with independent high- and lowside referenced output channels.
|
International Rectifier
|
TX2-12V-1 |
Electromechanical Relay: 2 AMP: HIGH CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
|
Panasonic
|
BF393 BF393_D ON0206 |
High Voltage Transistors(NPN) From old datasheet system CASE 29-4, STYLE 1 TO-2 (TO-26AA) HIGH VOLTAGE TRANSISTOR(NPN SILICON) High Voltage Transistor(NPN)
|
Motorola Inc ON Semiconductor Motorola, Inc
|
LTC4440-5 |
High Speed, High Voltage, High Side Gate Driver
|
linear
|